PART |
Description |
Maker |
REC15 REC15-4824SRWBZ REC15-1205DRWB REC15-1205DRW |
CAPACITOR, 1000UF 16V CAPACITOR, 1000UF 16V; CAPACITANCE:1000UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:YXF; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:16VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to C; Capacitance:47uF RoHS Compliant: Yes Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:16VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:100uF RoHS Compliant: Yes ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
|
Recom International Pow... RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
RF3375 RF337XPCBA-41X |
CAPACITOR, 100UF 16VCAPACITOR, 100UF 16V; Capacitance:100uF; Voltage rating, DC:16V; Capacitor dielectric type:; Series:SVP; Temp, op. max:105(degree C); Temp, op. min:-55(degree C); Tolerance, :20%; Tolerance, -:20%; Current, GENERAL PURPOSE AMPLIFIER
|
RF Micro Devices, Inc.
|
G690L438T21 G691L293T92 G690L400T71 G690H463T96 G6 |
Tantalum Molded Capacitor; Capacitance: 33uF; Voltage: 16V; Case Size: 5.8x3.1 mm; Packaging: Tape & Reel 122 x 32 pixel format, LED or EL Backlight available 微处理器复位IC Tantalum Molded Capacitor; Capacitance: 4.7uF; Voltage: 16V; Case Size: 3.4x1.9 mm; Packaging: Tape & Reel 微处理器复位IC Microprocessor Reset IC 微处理器复位IC CAB 6C 3#16 3#0 SKT PLUG Tantalum Molded Capacitor; Capacitance: 33uF; Voltage: 16V; Case Size: 5.8x3.1 mm; Packaging: Tape & Reel
|
Global Mixed-mode Technology, Inc. ETC Global Mixed-mode Technology Inc.
|
GCM32DR71C106K |
Chip Monolithic Ceramic Capacitor 1210 X7R 10μF 16V Chip Monolithic Ceramic Capacitor 1210 X7R 10楼矛F 16V
|
Murata Manufacturing Co., Ltd.
|
GCM21BR71C225K |
Chip Monolithic Ceramic Capacitor 0805 X7R 2.2μF 16V Chip Monolithic Ceramic Capacitor 0805 X7R 2.2レF 16V
|
Murata Manufacturing Co., Ltd.
|
GRM31MR61C685K |
Chip Monolithic Ceramic Capacitor 1206 X5R 6.8μF 16V Chip Monolithic Ceramic Capacitor 1206 X5R 6.8レF 16V
|
Murata Manufacturing Co., Ltd.
|
GRM316C81C225K |
Chip Monolithic Ceramic Capacitor 1206 X6S 2.2μF 16V Chip Monolithic Ceramic Capacitor 1206 X6S 2.2レF 16V
|
Murata Manufacturing Co., Ltd.
|
GRM219R61C225K |
Chip Monolithic Ceramic Capacitor 0805 X5R 2.2μF 16V Chip Monolithic Ceramic Capacitor 0805 X5R 2.2レF 16V
|
Murata Manufacturing Co., Ltd.
|
GCM31CR71C475K |
Chip Monolithic Ceramic Capacitor 1206 X7R 4.7μF 16V Chip Monolithic Ceramic Capacitor 1206 X7R 4.7レF 16V
|
Murata Manufacturing Co., Ltd.
|
GRM21BR61C475K |
Chip Monolithic Ceramic Capacitor 0805 X5R 4.7μF 16V Chip Monolithic Ceramic Capacitor 0805 X5R 4.7楼矛F 16V
|
Murata Manufacturing Co., Ltd.
|